PART |
Description |
Maker |
EUP7212 EUP7212-18_28JIR0 EUP7212-18_28JIR1 EUP721 |
Dual 150/300mA LDO with POR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
MAX8529EEG MAX8529 |
1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
|
MAXIM[Maxim Integrated Products]
|
X9520V20IA X9520V20IB X9520B20IB X9520 X9520B20IA |
Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
|
INTERSIL[Intersil Corporation]
|
ISL6614ACRZ ISL6614ACBZ ISL6614AIBZ |
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
|
Intersil Corporation
|
RT9014-GPPQW RT9014-GKPQW RT9014-FMPQW RT9014-FMGQ |
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor 超低噪声300mA的双路LDO稳压器与葡萄牙,NMOS管驱动器,无需旁路电容
|
Richtek Technology, Corp. Richtek Technology Corporation Richtek Technology Corporat... Richtek Technology Corp...
|
MAX5072ETJ MAX5072ATJ |
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
|
Maxim Integrated Products
|
EM78257A/B |
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: 0°C to 70°C; Package: 14-SOIC 8位微控制器的通用产品
|
Sony, Corp.
|
24LC21 24LC21-SN 24LC21-IP 24LC21-ISN 24LC21-P |
1K 2.5V Dual Mode I 2 C Serial EEPROM 一.5V的双模式的I 2 C串行EEPROM 1K 2.5V Dual Mode I 2 C Serial EEPROM 一.5V的双模式I 2 C串行EEPROM 1K 2.5V Dual Mode I 2 C Serial EEPROM 1K2.5VDualModeI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
TC43 TC43COR TC43CPR TC43EOR TC43EPR |
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
FXLA2203 |
Dual-Mode, Dual-SIM-Card Level Translator
|
Fairchild Semiconductor
|
24LC21A_03 24LC21A 24LC21A1-_P 24LC21A1-_SN 24LC21 |
1K 2.5V Dual Mode I2C Serial EEPROM The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s ... The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s advanced monitors. The 24LC21A represents a simple, low-cost route to meeting the stringent standards 1K 2.5V Dual Mode I 2 C Serial EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|